PART |
Description |
Maker |
ABS1XXXXX |
High Environmental Resistance
|
Nais
|
TIP-4131SCE1 |
12.1in Infrared Touch Panel, Fast response time < 50mS, 81 x 61 switch matrix, nearly 5000 switches, Fits Sharp LQ121S1DG11 directly, Sealed for environmental resistance, RS-232 interface, no assembly required
|
Vishay
|
2SK3731 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
220-00 |
High-Pressure Environmental/Hermetic
|
Glenair, Inc.
|
RG2012 |
High Reliability and Excellent Stability at different environmental conditions Thin Film Chip Resistor
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
IDTQS3R245 QS3R245_DS_47627 QS3R245Q |
8-Bit, 2.5 ohms Resistance Bus Switch HIGH-SPEED CMOS QUICKSWITCH 8-BIT LOW RESISTANCE BUS SWITCH From old datasheet system
|
IDT[Integrated Device Technology]
|
IDTQS32XR861 QS32XR861_DS_3242 QS32XR861Q18 |
High-Speed CMOS 20-Bit Low Resistance, Active Low Bus Switch with Flow-Through Pinout From old datasheet system QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE LOW BUS SWITCH
|
IDT
|
S21MD3V S21MD3 S21MM3 |
Phototriac Coupler High Noise Resistance Type High Noise Resistance Type Phototriac Coupler 高噪声型光敏电阻耦合
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components] Sharp, Corp.
|
ISL6526 ISL6526ACB ISL6526CB ISL6526CBZ ISL6526CBZ |
RX-1M Hi-Meg Resistor, Ultra-high resistance, High stability, Hermetically Sealed, 0.5 W Rating Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
EMVH100ADA101MH63G EMVH250ADA101MH63G EMVH101ARA47 |
High heat resistance, 125C
|
United Chemi-Con, Inc.
|
PS9817-2-V-F3 PS9817-2-V-F4 PS9817-1-V-F3 PS9817-1 |
Power Resistor; Series:MK; Resistance:10ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER 邻舍高CMR10Mbps的集电极开路输出型8引脚SSOP(以SO - 8)高速光电耦合 SWITCH, REED SPST 20.5MM 邻舍高CMR0Mbps的集电极开路输出型8引脚SSOP(以SO - 8)高速光电耦合 NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER 邻舍高CMR0Mbps的集电极开路输出型8引脚SSOP(以SO - 8)高速光电耦合
|
California Eastern Laboratories, Inc.
|