PART |
Description |
Maker |
MBM29SL160BD-12PFTR MBM29SL160BD-10PFTN MBM29SL160 |
Replaced by TPS2046B : 0.345A, 2.7-5.5V Dual (1In/2Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 8-SOIC 0 to 85 16米(2米x 8/1M × 16)位 122 x 32 pixel format, Compact LCD size 16米(2米x 8/1M × 16)位 122 x 32 pixel format, LED Backlight available 16M (2M x 8/1M x 16) BIT
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
G910T21D G910T21T G910T21U G910T22B G910T22D G910T |
122 x 32 pixel format, LED Backlight available 3.3 400mA/250mA低压差稳压器 122 x 32 pixel format, LED or EL Backlight available 3.3 400mA/250mA低压差稳压器 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Torque Control Screwdriver; Overall Length:127mm (G910 / G911) 3.3V 400mA/250mA Low Dropout Regulator 3.3V 400mA/250mA Low Dropout Regulator
|
Global Mixed-mode Technology, Inc. Global Mixed-mode Technology Inc. ETC GMT[Global Mixed-mode Technology Inc] http:// Global Mixed-mode Techn...
|
CM20TF-12H |
Six-IGBT IGBTMOD 20 Amperes/600 Volts 122 x 32 pixel format, LED Backlight available
|
Powerex Power Semiconductors
|
CM50TF-24H |
122 x 32 pixel format, LED Backlight available Six-IGBT IGBTMOD 50 Amperes/1200 Volts
|
POWEREX[Powerex Power Semiconductors]
|
A29L800UG-90U A29L800UV-90U A29L800TM-90 A29L800TM |
240 x 128 pixel format, LED or EL Backlight 100万8 16位为512k ×电压的CMOS 3.0只,引导扇区闪存 1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 100万8 16位为512k ×电压的CMOS 3.0只,引导扇区闪存 128 x 64 pixel format, LED Backlight available Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Function Generator Carrying Case RoHS Compliant: NA 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
QM50TB-2HB |
122 x 32 pixel format, Compact LCD size MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
QM30TB-2HB |
122 x 32 pixel format, Compact LCD size MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MBM29PL160BD-90PF MBM29PL160BD-90PFTN MBM29PL160BD |
16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 Modular Connector 122 x 32 pixel format, LED Backlight available
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
EN29LV800B70RSIP EN29LV800T70RSIP EN29LV800B70RS E |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only 8兆位024K × 812k × 16位)闪存引导扇区闪存,CMOS 3.0伏, 122 x 32 pixel format, LED or EL Backlight available
|
Electronic Theatre Controls, Inc. Eon Silicon Solution Inc.
|
02CZ4.7Y 02CZ5.1X 02CZ5.1Y 02CZ5.1Z 02CZ27 02CZ4.3 |
5015 RR 26#16 SKT PLUG L/C 240 x 64 pixel format, EL and LED backlight 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor CAP 4700PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 5015 RR 26#16 PIN PLUG Chip-on-Glass (COG) Technology, 8 Character x 1 Line 二极管(恒压规例中的应用。参考电压应用。) DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.) 二极管(恒压规例中的应用。参考电压应用。) Fixed bridge, 10-pos. - FB 10- URTK/SP 二极管(恒压规例中的应用。参考电压应用。) 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 二极管(恒压规例中的应用。参考电压应用。) 240 x 64 pixel format, CFL, LED, or EL Backlight available 二极管(恒压规例中的应用。参考电压应用。) 240 x 320 pixel format (portrait mode), Compact LCD size
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
MBM29LV651UE12TR MBM29LV651UE90TR MBM29LV651UE-12 |
64M (4M x 16) BIT 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 64M (4M x 16) BIT 64M号(4米16)位 AGM3224D equivalent, 320 x 240 pixel format 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 DC-DC Converter; Supply Voltage:12V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:20W; Mounting Type:PC Board; Series:WPN20R 320 x 240 pixel format, LED or CFL Backlight
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|