PART |
Description |
Maker |
R1EX25002ASA00A-15 |
Serial Peripheral Interface 2k EEPROM (256-word × 8-bit) 4k EEPROM (512-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
|
Renesas Electronics Corporation
|
HN58X2464FPI HN58X2408TI HN58X2408FPI HN58X2432TI |
Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit) 两线串行接口8K的EEPROM中(1 - KWord的8位)/ 16K的EEPROM的(2 - KWord的8位)/ 32K的EEPROM中(4 KWord的8位)/ 64K的EEPROM中(8 KWord的8 -位)
|
Hitachi,Ltd.
|
IS23SC4428-X4 IS23SC4428-X3 IS23SC4428-X2 IS23SC44 |
1K X 8 3-WIRE SERIAL EEPROM, UUC5 1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC) SERIAL EEPROM|1KX8|CMOS|8PIN|PLASTIC
|
Integrated Silicon Solution, Inc INTEGRATED SILICON SOLUTION INC
|
CAT24C16LI-G BR25L010F-WE2 BR25H020FJ-WE2 |
16-Kb I<sup>2</sup>C CMOS Serial EEPROM, PDIP EEPROM SPI 1K BIT EEPROM 2K BIT
|
ON Semiconductor Rohm Co., Ltd.
|
24C02 24C01 |
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
|
List of Unclassifed Manufacturers ETC
|
HN58X25512FPI |
Serial Peripheral Interface 512K EEPROM (64-Kword 】 8-bit) Electrically Erasable and Programmable Read Only Memory
|
Renesas Electronics Corporation
|
HN58V1001FP-25 HN58V1001FP-25E HN58V1001 HN58V1001 |
Memory>EEPROM>Parallel EEPROM 1M EEPROM (128-kword 】 8-bit) Ready/Busy and RES function
|
Renesas Electronics Corporation
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SLE4428C SLE4428M2.2 SLE4418M2.2 SLE4418 SLE4418C |
16MM PB 65168-010 1K X 8 3-WIRE SERIAL EEPROM, UUC8 ICs for Chip Cards 1K X 8 3-WIRE SERIAL EEPROM, UUC8 Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能8K1024 x 8 EEPROM) 智能8千位024 × 8位)具有写保护功能的EEPROM(智能化8K的位024 × 8位)的EEPROM Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM(带些保护功能)) Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM) ICs for Chip Cards / Intelligent 8-Kbit EEPROM SERIAL EEPROM,1KX8,MOS,WAFER,PLASTIC SERIAL EEPROM,1KX8,MOS,MODULE,8PIN,PLASTIC From old datasheet system
|
SIEMENS AG Infineon Technologies AG SIEMENS[Siemens Semiconductor Group]
|
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA3290P ATMEGA329PV-20MU ATMEGA3290PV ATMEGA32 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|