PART |
Description |
Maker |
IXGP7N60C IXGA7N60C |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT HIPERFAST IGBT LIGHTSPEED SERIES
|
IXYS Corporation
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
HGT1S2N120 HGT1S2N120CNS |
45A, 600V, UFS Series N-Channel IGBT 13A 1200V NPT Series N-Channel IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IXGH12N90C |
Lightspeed Series HiPerFAST IGBT(VCES00V,VCE(sat).0VB>HiPerFAST绝缘栅双极晶体管) HiPerFAST IGBT Lightspeed Series
|
IXYS Corporation
|
2MBI100F-060 6MBP15RH060 |
Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:16-23 RoHS Compliant: No IGBT Modules IGBT-IPM R series 600V / 15A / 6 in one-package
|
FUJI ELECTRIC HOLDINGS CO., LTD. List of Unclassifed Manufacturers ETC[ETC] FUJI[Fuji Electric] Unknow
|
HGTG10N120BND |
36 MACROCELL 3.3 VOLT ISP CPLD 35 A, 1200 V, N-CHANNEL IGBT, TO-247 35A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGT1S2N120BNS9A HGTD2N120BNS HGT1S2N120BNS HGTP2N1 |
12A, 1200V, NPT Series N-Channel IGBT TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 12A I(C) | TO-263AB
|
Fairchild Semiconductor
|
IRGP20B60PD |
INSULATED GATE BIPOLAR TRANSISTOR WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE 600V Warp2 150kHz Copack IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
HGTP3N60A4 HGTD3N60A4 HGTD3N60A4S HGTP3N60A4NL |
600V, NPT Series N-Channel IGBT 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|