PART |
Description |
Maker |
1000-020-80/900 1000-005-80/600 1000-025-80/900 10 |
LAGERWELLE LINEAR PRAEZISION D20 L900MM LAGERWELLE LINEAR PRAEZISION D5MM L600MM LAGERWELLE LINEAR PRAEZISION D25 L900MM LAGERWELLE LINEAR PRAEZISION D8MM L600MM LAGERWELLE LINEAR PRAEZISION D16 L600MM LAGERWELLE线性精密D16 L600MM
|
TE Connectivity, Ltd.
|
RN73C2A130RBTG RN73C2AK05BTG RN73C2A1K62BTG RN73C2 |
WIDERSTAND PRAEZISION METALL 130R 0.06W WIDERSTAND PRAEZISION METALL 1K05 0.06W Metal Film Resistor - RN 1/4 T2 35.7K 1% R Metal Film Resistor - RN 1/4 T2 3.83 1% R WIDERSTAND PRAEZISION METALL 6K34 0.06W WIDERSTAND PRAEZISION METALL 750R 0.06W WIDERSTAND精密金属750R 0.06W WIDERSTAND PRAEZISION METALL 53K6 0.06W WIDERSTAND精密金属53K6 0.06W WIDERSTAND PRAEZISION METALL 1K96 0.06W WIDERSTAND精密金属1K96 0.06W WIDERSTAND PRAEZISION METALL 24K9 0.06W WIDERSTAND精密金属24K9 0.06W WIDERSTAND PRAEZISION METALL 121R 0.06W WIDERSTAND精密金属121R 0.06W WIDERSTAND PRAEZISION METALL 665R 0.06W WIDERSTAND精密金属665R 0.06W WIDERSTAND PRAEZISION METALL 301R 0.06W WIDERSTAND精密金属301R 0.06W
|
TE Connectivity, Ltd. STMicroelectronics N.V.
|
5E10D5K 5E10D120R0.1 5E10D1K |
WIDERSTAND DRAHT PRAEZISION 5K 0.2W RESISTOR 120R 电阻120R µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset WIDERSTAND金属丝精密一千降.2W
|
Cornell Dubilier Electronics, Inc.
|
MC1494 MC1494P MC1494_D ON0949 |
From old datasheet system LINEAR FOUR-UADRANT LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
|
ONSEMI[ON Semiconductor]
|
LA6588M |
Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
|
Sanyo Semicon Device
|
A4405 |
The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
|
Allegro MicroSystems
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
IRU1010-33CD IRU1010-33CP IRU1010-33CS IRU1010-33C |
1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
DTA-05D-1.5-TA-F DTA-05D-3-TA-F DTA-05D-3-TA-P DTA |
POSITION, LINEAR SENSOR-AC, -5-5mm POSITION, LINEAR SENSOR-AC, -15-15mm POSITION, LINEAR SENSOR-AC, -1-1mm
|
MICRO-EPSILON
|
IRU1010-18CD IRU1010-18CDTR IRU1010-18CP IRU1010-1 |
1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier
|
AD8367_05 AD8367 AD8367ARU AD8367ARU-REEL-7 AD8367 |
500 MHz, 45 dB Linear-in-dB Variable Gain Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial SPECIALTY ANALOG CIRCUIT, PDSO14 500 MHz, Linear-in-dB VGA with AGC Detector
|
Analog Devices, Inc. AD[Analog Devices]
|