PART |
Description |
Maker |
ADG715 ADG715BRU ADG714 ADG714BRU |
CMOS/ Low Voltage Serially-Controlled/ Octal SPST Switches (4kV/6kV Versions); EN and UL Certificates; 3 Pinout Options, 3 Case Styles; Control Pin Option; Efficiency to 86% CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG71402 ADG714 ADG715 ADG714BRU ADG715BRU |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches CMOS, Low Voltage, SPI/QSPI/Mircowire Compatible Interface, Serially Controlled, Octal SPST Switches CMOS, Low Voltage, I2C Compatible Interface, Serially Controlled, Octal SPST Switches
|
Analog Devices
|
ADG1414 ADG1414BCPZ-REEL7 ADG1414BRUZ ADG1414BRUZ- |
9.5 Ω RON ±15 V/ 12 V/±5 V iCMOS Serially-Controlled Octal SPST Switches 9.5 楼? RON 隆戮15 V/ 12 V/隆戮5 V iCMOS Serially-Controlled Octal SPST Switches
|
Analog Devices
|
MAX6950 MAX6950CEE MAX6950EEE MAX6950-MAX6951 MAX6 |
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers Serially Interfaced / 2.7V to 5.5V / 5- and 8-Digit LED Display Drivers Hex D-type Flip-Flops With Enable 16-CDIP -55 to 125 Quad D-type Flip-Flops With Enable 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ICS307M-02ILF ICS307M-02ILFT ICS307M-02LF ICS307M- |
SERIALLY PROGRAMMABLE CLOCK SOURCE
|
ICST[Integrated Circuit Systems]
|
ADG739 ADG738 |
CMOS , Low Voltage, Serially Controlled Matrix Switches(CMOS,低电串行控制四通道矩阵开 CMOS , Low Voltage, Serially Controlled Matrix Switches(CMOS,低电串行控制八通道矩阵开
|
Analog Devices, Inc.
|
AS11001 AS1100PL AS1100PE AS1100WE |
Serially Interfaced, 8-Digit LED Driver
|
austriamicrosystems AG ams AG
|
AS1105 |
Serially Interfaced 4-Digit LED Driver
|
AMSCO
|
MAX7219C_D MAX7219 MAX721907 MAX7219C/D MAX7219CWG |
From old datasheet system Serially Interfaced, 8-Digit LED Display Drivers
|
Maxim Integrated Produc... Maxim Integrated Products
|
CY22150ZI-XXX CY22150ZC-XXX CY22150 |
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator(通用单个锁相环Flash可编程和2-Wire连续可编程时钟发生器)
|
Cypress Semiconductor Corp.
|
ADG729BRU ADG728BRU ADG728 ADG729 |
Tantalum Conformal-Coated Capacitor; Capacitance: 220uF; Voltage: 4V; Case Size: 2.7x3.5 mm; Packaging: Tape & Reel CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
|
Analog Devices, Inc. AD[Analog Devices]
|