PART |
Description |
Maker |
SM130G0 SM145G0 SM SM095G0 SM110G0 |
FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current FUSIBLE ALLOY THERMAL SENSITIVE TYPE 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current FUSIBLE ALLOY THERMAL SENSITIVE TYPE/ 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current 易熔合金热敏感型.5安培250 Va.c.日和5安培50 Vd.c.额定电流
|
NEC[NEC] NEC, Corp.
|
NMA....SI |
Fusible Type Metal Film Resistors, Fusible resistor for constant current designed for overload protection, Flame retardant coating, Defined switch-off behavior
|
Vishay
|
NKS. |
Fusible Type Metal Film Resistors, Fusible resistor for constant current designed for overload protection, Flame retardant coating, Defined switch-off behavior
|
Vishay
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
FDMF5822DCCT-ND |
FDMF5822DC-Smart Power Stage (SPS) Module with Integrated Thermal Warning and Thermal Shutdown
|
Fairchild Semiconductor
|
KD2002-DC72A |
Thick film thermal printhead(with thermal historical control)
|
Rohm
|
KD2004-DC72A |
Thick film thermal printhead (with thermal historical control)
|
Rohm
|
SE3002-DC70A |
High speed thermal printhead (with thermal historical control)
|
Rohm
|
SE3003-DC70A |
High speed thermal printhead (with thermal historical control)
|
Rohm
|
KD2006-DC70A |
Thick film thermal printhead (with thermal historical control)
|
Rohm
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
|