PART |
Description |
Maker |
SC73C1402 SC73C1402A SC73C1402B SC73C1402C SC73C14 |
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
|
Silan Microelectronics Joint-stock
|
SC73C1602 |
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
|
Silan Microelectronics Joint-stock
|
S3C2510A S3C2510 |
IC,MICROPROCESSOR,32-BIT,CMOS,BGA,416PIN,PLASTIC 16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
Samsung Electronics Inc Samsung semiconductor
|
NC41120-0018 |
STANDARD MICRO CONTROLLER SPECIFICATION USB INTERFACE CONTROLLER CHIP
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
EDS11-111C |
MICRO CONTROLLER E
|
Fuji Electric
|
KM44C1000D KM44V1000D KM44C1000DJL-7 KM44C1000DJL- |
1M x 4bit CMOS dynamic RAM with fast page mode, 3.3V, 70ns 1M x 4bit CMOS dynamic RAM with fast page mode, 3.3V, 60ns 1M x 4bit CMOS dynamic RAM with fast page mode, 5V, 50ns 1M x 4bit CMOS dynamic RAM with fast page mode, 5V, 60ns 1M x 4bit CMOS dynamic RAM with fast page mode, 5V, 70ns
|
Samsung Electronic
|
BJ8P508/153 |
8-BIT MICRO-CONTROLLER
|
ETC
|
MSU2959C40 MSU2959 MSU2959C16 MSU2959C25 |
8-Bit Micro-controller
|
MOSEL[Mosel Vitelic, Corp]
|
MSU2955C40 MSU2955 MSU2955C16 MSU2955C25 |
8-Bit Micro-controller
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp]
|
EM78P459AM EM78P459AK EM78P458AM EM78P458AP EM78P4 |
8-BIT MICRO-CONTROLLER
|
EMC[ELAN Microelectronics Corp]
|
SN8P27411 |
8-Bit Micro-Controller
|
Sonix
|
SN8P1908 SN8P1900 |
8-Bit Micro-Controller
|
Sonix
|