PART |
Description |
Maker |
VEC3R0106QG VEC3R0107QG VEC3R0305QG VEC3R0357QG |
3V SERIES - Lead terminal 3V SERIES - Lug terminal
|
Vina
|
MA46505 MA46H501 MA46 MA46H504 MA46504 MA46506 MA4 |
CONV DC-DC 300W 48VIN 12V NEG-EN Surface Mount GaAs Tuning Varactors
|
MACOM[Tyco Electronics]
|
P-XC-111 QRP-8P-C QR_P-12P-C QR_P-12P-C01 QR_P-12S |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-21M QR/P SERIES PLUG-IN CRIMP CONNECTORS 名册/ P系列插入式压接连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39351-00 39354-00 39355-00 39352-00 39353-00 39356 |
35 Series Pluggable Terminal Blocks
|
http:// Molex Electronics Ltd.
|
PM3604-50 PM3602-33 PM3604-10 |
Inductor; Series:PM3600; Inductance:50uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 1.28, Series 0.64A; DC Resistance Max, Parallel:0.12ohm 2 ELEMENT, 50 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:33uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.98, Series 0.49A; DC Resistance Max, Parallel:0.14ohm 2 ELEMENT, 33 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:10uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 2.70, Series 1.35A; DC Resistance Max, Parallel:0.028ohm 2 ELEMENT, 10 uH, COMMON MODE CHOKE, SMD
|
Bourns, Inc. BOURNS INC
|
2SK2197 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2560 |
Power MOSFETs / VZ Series (Three Terminal Type)
|
Shindengen
|
2SK2193 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2198 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2196 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|