PART |
Description |
Maker |
F6800 F68B00 |
8-Bit Microprocessing Unit
|
Fairchild Semiconductor
|
MC68A09 |
8-Bit Microprocessing Unit
|
Motorola
|
MC6822 MC6808 MC6829 MC6802 MC6800P MC68B00 MC68A0 |
8-BIT MICROPROCESSING UNIT (MPU) 8-BIT, 1 MHz, MICROPROCESSOR, CDIP40 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MC912DT128ACPV MC912DG128CMPV MC912DG128PCPV MC912 |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
MOTOROLA[Motorola, Inc]
|
80960MC |
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
|
Intel
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
MC68705P3 MC68705P3CS MC68705P3S |
8-Bit EPROM Microcomputer Unit 8-BIT, UVPROM, 2.1 MHz, MICROCONTROLLER, CDIP28
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MC68HC05C9 |
8-Bit Microcontroller Unit
|
MOTOROLA[Motorola, Inc]
|
L4C381 L4C381JC15 L4C381JC20 |
High Speed,Cascadable 16-bit Arithmetic and Logic Unit(高速层6位算术和逻辑单元) 16-bit Cascadable ALU
|
LOGIC Devices Incorporated
|
74F381 |
4-Bit Arithmetic Logic Unit
|
Fairchild Semiconductor
|
74F181SC |
4-Bit Arithmetic Logic Unit
|
Fairchild Semiconductor
|
T74LS181 |
4-Bit Arithmetic Logic Unit
|
ST Microelectronics
|
|