PART |
Description |
Maker |
M80-8430842 M80-8780605 M80-8681205 M80-8680405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, latched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, selective gold tin/lead, 7 7-way
|
Harwin Plc HARWIN INC
|
M80-9431005 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, gold, with hoods jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8161005 M80-8161205 |
Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG
|
Harwin PLC
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-4802805 M80-4802042 M80-4802405 M80-4603005 M8 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 14 14-way 28 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, with Hex Socket jackscrews, 10 10-way 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 12 12-way 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, with jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 6 6-way 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M80-5024022 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-7532022 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8551822 |
Datamate L-Tek DIL Male Vertical 5.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-6171822 |
Datamate L-Tek DIL Male Vertical 5.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-4852642 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip tin shell, with Hex Socket jackscrews, 13 13-way 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5L12622M5-00-000-00-000 M80-5L13842M5-00-000-0 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-8881805 |
Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
|