PART |
Description |
Maker |
LCA10-14-L |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCA4-14-L |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCDX8-14A-L |
COPPER LUG - TWO-HOLE, STANDARD FLEX BARREL
|
PANDUIT CORP.
|
LCAF8-38-L |
COPPER LUG - ONE-HOLE, FLARED BARREL
|
PANDUIT CORP.
|
LCC10-14JAW-L |
COPPER LUG - SLOTTED TWO-HOLE, LONG BARREL WITH WINDOW
|
PANDUIT CORP.
|
19215-0080 |
TUBULAR COMPRES.LUG/COLOR CODE (HDC-6-CC COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
3263 4512 3264 |
Standard Banana Plug with Threaded Stud and Solder Lug
|
Pomona Electronics
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
5090 |
Triaxial to BNC coaxial adapter, female/male, 2 lug triax/BNC, 500 Vrms, beryllium copper/brass contact material, brass shell, teflon insulation RoHS Compliant: Yes CABLE TERMINATED, FEMALE-MALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
SIOV-S10K20 SIOV-S05K250 SIOV-S20K1000 SIOV-S20K11 |
RESISTOR, VOLTAGE DEPENDENT, 26 V, 3.1 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 320 V, 8.2 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 1465 V, 410 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 14 V, 10 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 150 V, 60 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 170 V, 74 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 180 V, 78 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 200 V, 85 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 22 V, 14 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 26 V, 18 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 300 V, 130 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 31 V, 22 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 320 V, 140 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 350 V, 151 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 38 V, 26 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 150 V, 3.6 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 200 V, 4.9 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 180 V, 4.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 22 V, 0.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 225 V, 5.6 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 100 V, 2.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 45 V, 2.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 100 V, 5.9 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 45 V, 5.4 J, THROUGH HOLE MOUNT RADIAL LEADED Leaded varistors, StandarD series SIOV metal oxide varistors SIOV metal oxide varistors
|
爱普科斯(中国)投资有限公司 EPCOS
|
4N37 |
STANDARD THRU HOLE CASE 730A-04
|
Motorola
|
4N30 |
STANDARD THRU HOLE CASE 730A-04
|
Motorola
|
|