PART |
Description |
Maker |
HDMP-0552 |
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION HDMP-0552 · 1.0625-2.125 GBd Quad Port Bypass Circuit w/ CDR and Data Valid Detection for Fibre Channel/Storage
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Agilent (Hewlett-Packard)
|
HFCT-5701LP |
HFCT-5701LP · 1.25/1.0625 GBd SMF Pluggable (SFP) Transceiver for GbE and Fibre Channel: Bail-wire delatch HFCT-5701L · 1.25/1.0625 GBd SMF Pluggable (SFP) Transceiver for GbE and Fibre Channel: Standard delatch
|
Agilent (Hewlett-Packard)
|
HFBR-5103A HFBR-5103AT HFBR-5103P HFBR-5103PE HFBR |
HFBR-5103A · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Extended Temp., SC Receptacle HFBR-5103AT · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Extended Temp., ST Receptacle HFBR-5103P · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Mezzanine Height, SC Receptacle HFBR-5103PE · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Mezzanine Height, Extended Shield HFBR-0319 · Evaluation Kit for 1x9 fiber optic modules at data rates up to 266 MBd
|
Agilent (Hewlett-Packard)
|
V23829-M305-B57 |
SFP MM 2.125/1.0625 GBd Transceiver w...
|
Infineon
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
HDMP-2689 |
Quad 2.125/1.0625 GBd Fibre Channel General Purpose SerDes
|
http://
|
HFBR-57E0AL HFBR-57E0AP HFBR-57E0L HFBR-57E0P |
HFBR-57E0AL · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Standard de-latch, -40C to 85C HFBR-57E0AP · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Bail de-latch, -40C to 85C HFBR-57E0L · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Standard de-latch, 0C to 70C HFBR-57E0P · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Bail de-latch, 0C to 70C
|
Agilent (Hewlett-Packard)
|
HFBR-5720L HFBR-5720LP |
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
|
Agilent(Hewlett-Packard)
|
HDMP-3268 |
HDMP-3268 · 3.2 GBit/sec 68 x 68 Digital Crosspoint Switch 3.2 Gbit/sec 68x68 Crosspoint Switch
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|