PART |
Description |
Maker |
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
MSK5045-5.0HG MSK5045-2.5 MSK5045-2.5E MSK5045-2.5 |
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
|
MSK[M.S. Kennedy Corporation]
|
LT1082 LT1082C LT1082CN8 LT1082CQ LT1082CT LT1082I |
1A High Voltage/ Efficiency Switching Voltage Regulator 1A High Voltage, Efficiency Switching Voltage Regulator From old datasheet system
|
LINER[Linear Technology]
|
FDMF8704V |
High Efficiency / High Frequency FET plus Driver Multi-chip Module with Internal Voltage Regulator
|
Fairchild Semiconductor
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
100QE 58PHL 51PBH 51PBHL 11OPS3M 31OPS3M 11OBH3M 3 |
Optoelectronic Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 4A High Efficiency Switching Regulators Afterburner Chip 8-Digit, Triplexed LCD Decoder Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 光电 High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers 光电 Low-Power, 8-Channel, Serial 12-Bit ADCs 光电
|
ADC Square D by Schneider Electric
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
LT10821 LT1082CN8 LT1082CT LT1082IQ LT1082CQ LT108 |
1A High Voltage, Efficiency Switching Voltage Regulator
|
Linear Integrated Systems
|