PART |
Description |
Maker |
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
LPC2104BBD48 LPC2105BBD48 LPC2106BBD48 LPC2106FHN4 |
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP48
|
Philips NXP Semiconductors N.V.
|
89C536 P89C536 P89C536NBAA P89C536NBBB P89C538NBAA |
CMOS single-chip 8-bit microcontrollers with FLASH program memory 80C51 8-bit microcontroller family 16K/64K/512 FLASH
|
NXP Semiconductors
|
AT83SND2C-7FTUL AT89SND2C-7FTULL AT83SND2C-7FTIL A |
单带MP3解码器芯片闪存微控制器,带有完整的音频接 Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PBGA100
|
Atmel Corp. Atmel, Corp.
|
LPC2134FBD64 LPC2138FBD64 LPC2132FBD64 LPC2131FBD6 |
LPC2131; LPC2132; LPC2138; Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP Flash with 10-bit ADC and DAC
|
Philips NXP Semiconductors
|
LPC2131FBD64 LPC2138FBD64 |
LPC2131; LPC2132; LPC2138; Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP Flash with 10-bit ADC and DAC
|
Philips
|
HMS99C51S HMS99C52S HMS99C54S HMS99C56S HMS99C58S |
8-BIT SINGLE-CHIP MICROCONTROLLERS WITH EMBEDDED FLASH
|
MagnaChip
|
HMS99C52S HMS99C54S HMS99C56S HMS99C51S HMS99C58S |
8-BIT SINGLE-CHIP MICROCONTROLLERS WITH EMBEDDED FLASH
|
List of Unclassifed Manufacturers
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ |
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
|
Integrated Silicon Solution, Inc
|
LU6000F0 LU6000F1 |
16-Bit Single-Chip Microcomputers (With Built-In Flash Memory)
|
Sharp Electrionic Components
|
AT89C51SND1C-7HTJL AT89C51SND1C-ROTUL AT83SND1C AT |
SINGLE-CHIP FLASH MICROCONTROLLER WITH MP3 DECODER AND HUMAN INTERFACE
|
ATMEL[ATMEL Corporation]
|