PART |
Description |
Maker |
FT231XS-X FT231XQ-X DSFT231X FT231XQ-T FT231XS-R |
Future Technology Devices International Ltd FT231X Single chip USB to asynchronous serial data transfer interface Future Technology Devices International Ltd.
|
List of Unclassifed Manufacturers Future Technology Devices I... Future Technology Devic...
|
SPX1004 SPX1004S1-1.2 SPX1004S1-2.5 SPX1004S1-2.5_ |
Precision Voltage Reference Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 1.2V / 2.5V Micropower Voltage Reference .2V / 2.5V的微功耗电压参 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.235 V, PDSO8
|
http:// SIPEX[Sipex Corporation] IRC Advanced Film
|
DV40400 |
CHARACTER LCD MODULE display format: 40x4 ; module size: 190.0x54.0x10.5; viewing size: 147.0x29.5; dot size: 0.50x0.55; character size: 3.54x4.89;
|
Data International CO.LTD.
|
SC2004G |
CHARACTER LCD MODULE display format: 20x4; module size: 98x60x8.8; viewing size: 77.0x26.3; character size: 2.95x4.75; dot size: 0.55x0.55; SC2004G (20 CHARACTERS x 4 LINES)
|
SUNLIKE ETC[ETC] List of Unclassifed Manufacturers
|
DV40200 |
CHARACTER LCD MODULE display format: 40x2; module size: 182.0x34x10.0; viewing size: 154.0x16.5; dot size: 0.60x0.65; character size: 3.20x5.55;
|
Data International CO.LTD.
|
WH2402A |
CHARACTER LCD MODULE display format: 24x2; module size: 118.0x36.0; viewing size: 94.5x16.0; character size: 3.2x5.55; dot size: 0.60x0.65;
|
WSTAR
|
DV16276 |
CHARACTER LCD MODULE display format: 16x2; module size: 100.0x39x13.0; viewing size: 80.0x20.4; dot size: 0.75x0.90; character size: 4.07x7.76;
|
Data International CO.LTD.
|
DV20220 |
CHARACTER LCD MODULE display format: 20x2; module size: 109x39.0x10.0; viewing size: 83.0x18.8; dot size: 0.60x0.65; character size: 3.20x5.55;
|
Data International CO.LTD.
|
DV20400 |
CHARACTER LCD MODULE display format: 20x4 ; module size: 98.0x60.0x10.0; viewing size: 76.0x25.2; dot size: 0.55x0.55; character size: 2.95x4.75;
|
Data International CO.LTD.
|
SC1602C |
CHARACTER LCD MODULE display format: 16x2; module size: 84x44x8.8; viewing size: 65.0x16.0; character size: 2.96x5.56; dot size: 0.56x0.66;
|
SUNLIKE
|
WH2004D |
CHARACTER LCD MODULE display format: 20x4; module size: 77.0x47.0; viewing size: 60.0x22.0; character size: 2.30x4.03; dot size: 0.42x0.46;
|
WSTAR
|