PART |
Description |
Maker |
19215-0080 |
TUBULAR COMPRES.LUG/COLOR CODE (HDC-6-CC COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
K6X4008C1F K6X4008C1F-B K6X4008C1F-BB55 K6X4008C1F |
48 RECP WIRE SPLICE BLUE PTSE CON 20 SKT (16-20) Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):6-4 RoHS Compliant: Yes 97-3102A18-1S Circular Connector; Body Material:Composite; Series:RADSOK; Number of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Connector Type:Circular; Gender:Receptacle; Wire Size (AWG):10-8 Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):10-8 RoHS Compliant: Yes 512Kx8 bit Low Power full CMOS Static RAM 512Kx8位充分的CMOS低功耗静态存储器 PTSE CON 20 SKT (16-20) 512Kx8位充分的CMOS低功耗静态存储器
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
1SV216 |
VARIABLE CAPACITANCE DIODE (TV VHF UHF TUNER AFC) INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug; Series:POLYSNAP; Mounting type:Panel; Approval Bodies:UL, CSA, VDE, SEMKO, RoHS Compliant: Yes
|
http:// Toshiba Semiconductor Toshiba Corporation
|
711-4E 111-6E |
Rotary Tap Switch; Contact Current Max:7A; No. of Switch Positions:4; No. of Decks:1; Switch Terminals:Solder Lug/Quick Connect; Circuitry:4PST; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes Rotary Switch; No. of Switch Positions:6; Circuitry:6PST; Contact Current Max:15A; Indexing:30 ; Contact Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Solder Lug; Peak Reflow Compatible (260 C):Yes
|
OHMITE MANUFACTURING CO
|
MLDM1L-37S-6C4-.250B MLDM1L-15P-4K5-18F MLDM1L-15P |
MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
|
Glenair, Inc.
|
02-06-5101 02-06-5102 02-06-5109 |
062 Female Term Chain Brs 30Au 18-24 BRASS, GOLD FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Gender:Female; Pitch Spacing:1.75mm RoHS Compliant: Yes Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Termination:Crimp
|
Molex, Inc. MOLEX INC
|
39-00-0038 |
Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, TIN OVER COPPER FINISH, WIRE TERMINAL
|
Molex, Inc.
|
CAT5409YI-50-TE13 CAT5409 CAT5409BI-00-TE13 CAT540 |
Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface 四数字可编程电位计(DPPTM)与64个龙头和2线接 QUAD 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 Sealed Modular Connector; Body Material:Metal; Connector Shell Back Termination:Female RJ45; Connector Shell Finish:Nickel; Modular Connector Shell Style:Sealed Jam Nut Receptacle; MIL SPEC:MIL-DTL-38999 Series III RF/Coaxial Connector; RF Coax Type:UHF; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:8, 9, 87A, 213, 214, 225; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:C; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:8, 9, 87A, 214, 313, 225; Approval Categories:UG-573A RoHS Compliant: Yes 64-Tap Quad DPP, 2-wire Interface
|
http:// Rectron Semiconductor CATALYST[Catalyst Semiconductor]
|
H9004-01 |
TERMINAL LUG
|
Harwin Plc
|
H2051-01 |
TERMINAL LUG
|
Harwin Plc
|
1614A-0 6203 |
Spade Lug to Insulated Banana Jack
|
Pomona Electronics http://
|
0164600000 0205100000 0205200000 0407600000 015140 |
Cable Lug 32/35 mm DIN-Rail Terminals
|
Weidmuller
|