PART |
Description |
Maker |
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX |
From old datasheet system Stereo Class-AB Audio Amplifier with Stereo Headphone Drive and I2C Control 24-HTSSOP -40 to 85 CAP 331PF 25V CERAMIC X7R 0201 Low-Cost / Triple / 8-Bit Voltage-Output DACs with Serial Interface Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 70 us SETTLING TIME, 8-BIT DAC, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5204BEUB MAX5205BEUB MAX5206AEUB MAX5206ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs in UMAX Low-Cost Voltage-Output 16-Bit DACs in UMAX
|
MAXIM[Maxim Integrated Products]
|
ADM705 ADM706 ADM707 ADM708 |
Low Cost P Supervisor with 4.65V Threshold Voltage, Watchdog, Power Fail and Manual Reset Features and Active Low Reset Output 3 V, Voltage Monitoring P Supervisory Circuits Low Cost P Supervisor with 4.65V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs Low Cost P Supervisor with 4.4V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs
|
Analog Devices
|
MAX512/MAX513 |
Low-Cost Triple 8-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
MAX4073 MAX4073FAUT-T MAX4073FAXK-T MAX4073HAUT-T |
Low-Cost / SC70 / Voltage-Output / High-Side Current-Sense Amplifier "?Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier" Low-Cost SC70 Voltage-Output High-Side Current-Sense Amplifier
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5203AMUB/PR3 |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX
|
MAXIM - Dallas Semiconductor
|
5962-9313101M2X |
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier 电流反馈运算放大
|
Analog Devices, Inc.
|
AD853108 AD8532ARM-R2 AD8532ARM-REEL AD8532ARMZ-R2 |
Low Cost, 250 mA Output, Single-Supply Amplifiers Dual, Low Cost, 250 mA Output, Single-Supply Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
http:// Analog Devices, Inc.
|
MAX4372TEUKT MAX4372FEUK MAX4372TESAT MAX4372TEBTT |
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
|
Maxim Integrated Products Maxim Integrated Produc...
|
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|