PART |
Description |
Maker |
AD8567 AD8567ACP AD8567ARU AD8565AKS AD8566 AD8565 |
16 V Rail-to-Rail Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 16 V Rail-to-Rail Operational Amplifiers 16 V的轨到轨运算放大
|
Analog Devices, Inc. AD[Analog Devices]
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
AD860103 AD8602DRM-REEL AD8601ART-REEL7 AD8601DRT- |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices
|
HGT1S20N35G3VL HGTP20N35G3VL HGT1S20N35G3VLS HGT1S |
20A/ 350V N-Channel/ Logic Level/ Voltage Clamping IGBTs 20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 20A I(C) | TO-263AB XC9536-6PC44C - NOT RECOMMENDED for NEW DESIGN
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TS7221 9412 TS7221BILT TS7221AI TS7221AILT TS7221B |
SINGLE BICMOS RAIL TO RAIL MICROPOWER COMPARATOR From old datasheet system SINGLE BICMOS RAIL TO RAIL 敌OWER COMPARATOR SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR 单BiCMOS工艺轨至轨uPOWER比较
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|
ADM6315 ADM6315-25D2ART-RL ADM6315-25D2ART-RL7 ADM |
Voltage Detector 电压检测器 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Rail-to-Rail Current Sense Amplifier Micropower Ring Tone Generator Synchronous, Step-Down 800kHz PWM DC/DC Converter 2.5 V to 5 V at 100 mV Increments Supervisory Circuit in 4-Lead SOT-143
|
ON Semiconductor Electronic Theatre Controls, Inc. Analog Devices, Inc. Xicon Passive Components
|
KBPC1506F KBPC1506FW KBPC1502F KBPC1502FW KBPC1501 |
Dual Low-Noise Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 硅桥式整流器 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 硅桥式整流器 Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 Silicon-Bridge Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
KBPC106 KBPC104 KBPC102 BR310 KBPC108 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
DC Components Co., Ltd. http://
|
MC33202DR2 MC33202D MC33204DR2 MC33202VP MC33204DT |
Low Voltage, Rail-to-Rail, Dual Operational Amplifier Low Voltage, Rail-to-Rail, Quad Operational Amplifier Rail-to-Rail Operational Amplifiers
|
ONSEMI[ON Semiconductor]
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|