PART |
Description |
Maker |
BCX71 |
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
|
Zetex Semiconductors
|
BCW61 |
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
|
Diodes Incorporated
|
FMMTA70 |
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BCW71 BCW72 |
SOT23 NPN PLANAR SMALL SIGNAL TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
BCW71R BCW72R |
SOT23 NPN PLANAR SMALL SIGNAL TRANSISTORS
|
Zetex Semiconductors
|
FMMTA20 FMMTA20-1C FMMTA20R FMMTA20R-3C |
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
MMBTA92-13-F MMBTA92-7-F |
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
|
Diodes Incorporated
|
MCH3143 MCH3243 |
2500 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|