PART |
Description |
Maker |
AT28C010NBSP AT28C010 |
1M bit EEPROM with 128-Byte Page & Software Data Protection From old datasheet system
|
Atmel Corp
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
CAT24C512LI-G CAT24C512XI-T2 CAT24C512WI-GT3 CAT24 |
512 kb I2C CMOS Serial EEPROM 128?Byte Page Write Buffer
|
ON Semiconductor
|
X28HC64SIZ-12 X28HC64SIZ-70 X28HC64J-12 X28HC64JIZ |
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 8K X 8 EEPROM 5V, 120 ns, PDSO28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-PDIP 8K X 8 EEPROM 5V, 90 ns, PDIP28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC 8K X 8 EEPROM 5V, 70 ns, PDSO28
|
Intersil Corporation http:// Intersil, Corp.
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|
PCA8581C PCA8581 PCA8581T PCA8581CP PCA8581CT PCA8 |
128 X 8-bit EEPROM with I 2 C-bus 128 x 8-bit EEPROM with I2C-bus interface
|
PHILIPS[Philips Semiconductors]
|
XR16C2850 XR16C2850CM48 XR16C2850IJ44 |
3.3V AND 5V DUART WITH 128-BYTE FIFO 2 CHANNEL(S), 6.25M bps, SERIAL COMM CONTROLLER, PQFP48 3.3V AND 5V DUART WITH 128-BYTE FIFO
|
Exar, Corp. Exar Corporation
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP P87LPC778; CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
|
NXP Semiconductors Philips
|
P89LPC906 P89LPC906FD P89LPC907 P89LPC907FD P89LPC |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips Semiconductors
|
24LC00 24LC00EOT 24LC00EP 24LC00ESN 24LC00EST 24LC |
128 Bit I2C Bus Serial EEPROM 128 Bit I 2 C Bus Serial EEPROM
|
Microchip Technology
|
|