PART |
Description |
Maker |
LH5267AD-25 LH5267AD-35 LH5267AD-45 |
x4 SRAM x4的SRAM x4SRAM
|
|
AM27S07-35PC AM27S07-50/B2A AM27S07-50/BEA AM27S07 |
x4 SRAM x4的SRAM x4 SRAM x4SRAM
|
Bourns, Inc. Analog Devices, Inc.
|
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
R1RW0404DGE-2PR R1RW0404D R1RW0404DGE-2LR REJ03C01 |
Memory>Fast SRAM>Asynchronous SRAM 4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
|
RENESAS[Renesas Electronics Corporation]
|
AS7C164 AS7C164-20 AS7C164-20JC AS7C164-12 AS7C164 |
8K X 8 STANDARD SRAM, 12 ns, PDSO28 SRAM - 5V Fast Asynchronous 5V 8K X 8 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
AS7C3256A-8 AS7C3256A-8TCN AS7C3256A-8JC AS7C3256A |
SRAM - 3.3V Fast Asynchronous 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 8 ns, PDSO28 Dual 4-Input Positive-AND Gate 14-SSOP -40 to 85 32K X 8 STANDARD SRAM, 8 ns, PDSO28
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
|