PART |
Description |
Maker |
NCP3334DADJG NCP3334DADJR2G |
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
|
ON Semiconductor
|
NCP3335ADMADJR2G NCP3335AMNADJR2G NCP3335A NCP3335 |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ONSEMI[ON Semiconductor]
|
NCP3335DMR2285G NCP3335_06 NCP3335 NCP3335DMR2250G |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ONSEMI[ON Semiconductor]
|
YB1200SC70S-2.6G YB1200SC70S-2.5G YB1200SC70S-1.8G |
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator 高精度超低噪声,高PSRR LDO稳压
|
YOBON TECHNOLOGIES, INC. YOBON TECHNOLOGIES,INC.
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
NCP3337MN250R2G NCP3337MNADJR2G NCP3337MN330R2G |
FIXED POSITIVE LDO REGULATOR, PDSO10 Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
|
ON SEMICONDUCTOR
|
NCP3335A NCP3335ADM280R2G NCP3335ADM250R2G NCP3335 |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ON Semiconductor
|
DCXL30GN DCXL DCXL01DN DCXL01GN DCXL05DN DCXL05GN |
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges 超低压力传感器毫伏输出高精度压力补偿全量程范 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
VRH1001LLX VRH1001LTX VRH1001LVX VRH1001NLX VRH100 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with On/Off circuit
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|