PART |
Description |
Maker |
P2AM4 |
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
|
Altech corporation
|
4-001-Q-10 |
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
|
Altech corporation
|
3602 |
Enclosure; Enclosure Material:Aluminum; External Height:3"; External Width:2.63"; External Depth:1.65"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
POMONA ELECTRONICS
|
EN3P8MSK EN3P8FSK EN3P8FSKL EN3P8MSKL 3FS EN3P4FCK |
8 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, MALE, CIRCULAR CONNECTOR, SOLDER 8 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER 3 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER 4 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, CRIMP 5 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER Circular Connector; Number of Contacts:6; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:EN3 Circular Connector; Gender:Male; No. of Contacts:8; Series:EN3; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Switchcraft, Inc. SWITCHCRAFT INC
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|
P-MUSB-E151-XX |
USB HOUSING: ENGINEERING THERMOPLASTIC
|
Amphenol Corporation
|
3850 |
Thermoplastic Box With Card Guides & Cover
|
Pomona Electronics
|
H200GR-TB |
2 in Zinc Grounding Hub with thermoplastic insulating throat
|
List of Unclassifed Man...
|
89891-302HLF 89891-350HLF 89891-402HLF 89891-450HL |
HOUSING MATERIAL: THERMOPLASTIC GLASS FILLED FLAME RETARDANT PER UL 94V-0
|
FCI connector
|