PART |
Description |
Maker |
JHD639-320240 |
320X240 DOTS
|
ShenZhen Jing Handa Electronics Co.,Ltd.
|
RH800480T-7X0 |
800x480 dots/pixels resolution, 7 inch diagonal, WVGA color TFT
|
Okaya Electric America, Inc.
|
RL1024DKQ011 |
LINEAR CCD IMAGE ARRAY,1 VERT PIXELS,1.024K HORIZ PIXELS,DIP
|
EG&G Reticon
|
EAEDIP320J-8LWTP EAEDIP320B-8LWTP EASTART-EDIP320 |
CONTROL UNIT 320x240 WITH INTELLIGENCE
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
AT71SM2CL2010-BA0 AT71SM2CL2014-BA0 AT71SM2CL4010- |
CameraLink. Linescan camera. Resolution 2K. Pixels size 10 um. AViiVA M2 CL 2010. CameraLink. Linescan camera. Resolution 2K. Pixels size 14 um. AViiVA M2 CL 2014. CameraLink. Linescan camera. Resolution 4K. Pixels size 10 um. AViiVA M2 CL 4010. CameraLink. Linescan camera. Resolution 1K. Pixels size 10 um. AViiVA M2 CL 1010. CameraLink. Linescan camera. Resolution 512. Pixels size 14 um. AViiVA M2 CL 0514. CameraLink. Linescan camera. Resolution 1K. Pixels size 14 um. AViiVA M2 CL 1014.
|
Atmel
|
MDL-40466 |
40 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.80H mm (5 X 7 DOTS), 3.15W X 5.50H mm (5 X 8 DOTS)
|
Varitronix international limited
|
MDLS-16264 MDL-16264 |
16 CHARACTERS X 2 LINES CHARACTER SIZE : 2.54W X 3.55H mm (5 X 7 DOTS), 2.54W X 4.07H mm (5 X 8 DOTS)
|
Varitronix international limited
|
COG12264I2C |
12 CHARACTERS X 2 LINES CHARACTER SIZE : 2.20W X 3.10H mm (5 X 7 DOTS), 2.20W X 3.55H mm (5 X 8 DOTS)
|
VARITRONIX[Varitronix international limited]
|
MDLS-20464 MDL-20464 |
CHARACTER SIZE: 2.90W X 4.10H mm (5 X 7 DOTS), 2.90W X 4.70H mm (5 X 8 DOTS)
|
Varitronix international limited
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
SH320240A |
GRAPHIC LCD MODULE display format: 320x240; module size: 160(167.1)x109x11.0; viewing size: 121.0x92.0; dot size: 0.33x0.33; controller: S1D13305;
|
SUNLIKE
|
AT71M2LV2010-BAO AT71M2LV2014-BAO AT71M2LV0514-BAO |
LVDS linescan camera. Resolution 2K. Pixels size 10 um. LVDS linescan camera. Resolution 2K. Pixels size 14 um. LVDS linescan camera. Resolution 512. Pixels size 14 um. LVDS linescan camera. Resolution 1K. Pixels size 10 um. LVDS linescan camera. Resolution 1K. Pixels size 14 um. LVDS linescan camera. Resolution 4K. Pixels size 10 um.
|
Atmel
|