PART |
Description |
Maker |
MCWI02-12S12 MCWI02-12S15 MCWI02-12D05 MCWI02-12D1 |
DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
|
Minmax Technology Co., Ltd. Minmax Technology Co., ...
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
MAX15015AATX MAX15016AATX |
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
|
MAXIM - Dallas Semiconductor
|
BP5034D24 |
AC100V input, 24V/50mA output Power Modules > Transformerless AC/DC Converter
|
Rohm CO.,LTD. ROHM[Rohm]
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
IS126 |
HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM
|
IS354 |
HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
Electronic Theatre Controls, Inc.
|
TLP620 |
(TLP620x) HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS
|
MAX15014AATX |
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators 2.6 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, QCC36
|
Maxim Integrated Products, Inc.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|