PART |
Description |
Maker |
IRFH7928PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFB4410ZGPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRLRU3103PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFH5020TR2PBF IRFH5020TRPBF IRFH5053PBF IRFH5053T |
HEXFETPower MOSFET 3 Phase Boost Converter Applications 9.3 A, 100 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IR710PBF INTERNATIONALRECTIFIER-IR710PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
|
PVR33N |
HEXFETPower MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
|
International Rectifier
|
IRFML8244TRPBF |
HEXFETpower MOSFET Multi-vendor compatibility Easier manufacturing Easier manufacturing
|
TY Semiconductor Co., Ltd
|
IRF7831 |
HEXFETPower MOSFET HEXFETPower MOSFET HEXFET Power MOSFET
|
IRF[International Rectifier]
|
IRFB4310PBF IRFS4310PBF IRFSL4310PBF IRFS4310RPBF |
HEXFET㈢Power MOSFET HEXFET庐Power MOSFET HEXFET?Power MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|