PART |
Description |
Maker |
CM1422 CM1420 CM1422-03CS CM1420-03CP CM1420-03CS |
6 and 8 Channel LCD Filter Array ESD Protection with OptiGuard Coating (CSPEMI606/608 pin compatible) (CM1420 / CM1422) LCD EMI Filter Array with ESD Protection LCD EMI Filter Array with ESD Protection 液晶EMI滤波器与ESD保护阵列
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
EMIF10-COM01 |
EMI滤波器包括静电放电保 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP EMI FILTER INCLUDING ESD PROTECTION EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics ST Microelectronics
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
EMIF04-MMC02F1 EMIF04-MMC02 |
4 LINES EMI FILTER INCLUDING ESD PROTECTION 4号线的EMI滤波器,ESD保护 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4 LINES EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
EMIF03-SIM04F3 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD? EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
NUF8600MN NUF8600MNTXG |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
NUF8610MN NUF8610 |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
EMIF02-SPK01F211 EMIF02-SPK01F2 |
2-line EMI filter and ESD protection for speakers 2-line IPAD? EMI filter and ESD protection
|
ST Microelectronics STMicroelectronics
|
CSPEMI307AG CSPEMI307A |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB 4通道的ESD / EMI滤波器阵列加4通道的USB的ESD阵列 4 Channel EMI Filters with ESD Protection @ ±15kV plus 4 Channel ESD Protection Array @ ±15KV(IEC61000-4-2 Level 4 Contact ...
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
EMIF03-SIM02M8 |
3-line EMI filter and ESD protection for SIM card interfaces EMI Filtering & Signal Conditioning 3 line IPAD, EMI filter for SIM card applications
|
ST Microelectronics, Inc. STMicroelectronics
|
TC74HC238AP TC74HC238AF |
6 Line EMI Filter with ESD Protection DFN 1.35 x 3.0 mm Package; Package: DFN12 3.0x1.35, 0.5P; No of Pins: 12; Container: Tape and Reel; Qty per Container: 3000 6 Channel EMI Pi-Filter Array with ESD Protection; Package: 15 PIN FLIP-CHIP CSP; No of Pins: 15; Container: Tape and Reel; Qty per Container: 3000
|
Toshiba Corporation
|