PART |
Description |
Maker |
CY62157ESL-45ZSXI CY62157ESL-13 |
8-Mbit (512 K x 16) Static RAM
|
Cypress Semiconductor
|
CY62148ELL-45ZSXA CY62148ELL-45ZSXI CY62148ELL-55S |
4-Mbit (512 K ? 8) Static RAM 4-Mbit (512 K × 8) Static RAM
|
Cypress Semiconductor
|
CY62148ELL-45ZSXA |
4-Mbit (512 K 8) Static RAM
|
Cypress
|
BB4EG BB4GK BB4KLX BB4JKX BB4DF BB4NPX |
MoBL® 8-Mbit (512K x 16) Static RAM MoBL® 32-Mbit (2M x 16) Static RAM MoBL® 16-Mbit (1M x 16) Static RAM "SHIELDING BAG 16 X 18"" Inhalt pro Packung: 10 Stk. “屏蔽袋16 X 18”,“Inhalt亲Packung0沙头角。
|
ON Semiconductor
|
CY62157EV30LL-45ZSXA CY62157EV30LL-55ZXE CY62157EV |
8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
CY7C1049D-10VXI CY7C1049D11 |
4-Mbit (512 K × 8) Static RAM TTL-compatible inputs and outputs
|
Cypress Semiconductor
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
CY62147DV30 CY62147DV30LL-70ZSXI CY62147DV30L CY62 |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|