PART |
Description |
Maker |
ATMEGA8L-8 |
8-Kbyte Self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EePROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 Mips Throughput at 16 Mhz.
|
ATMEL
|
ATMEGA128 ATMEGA128L |
128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
P87CL881H P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
NXP Semiconductors
|
ST10F273 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
DSPIC33FJ32MC102 DSPIC33FJ32MC101 DSPIC33FJ32MC104 |
16-Bit Digital Signal Controllers up to 32-Kbyte Flash and 2-Kbyte SRAM
|
Microchip Technology
|
AM29030 |
RISC Microprocessors with 8-Kbyte/4-Kbyte Instruction Cache
|
AMD
|
AN1179 |
ST7 - PROGRAMMING ST7 FLASH MICROCONTROLLERS IN REMOTE ISP MODE (IN-SITU PROGRAMMING)
|
SGS Thomson Microelectronics
|
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
SLE66CX160S |
16-bit Security Controller with 32-Kbyte ROM, 1280 ( 700) Byte RAM 16-Kbyte EEPROM and 1100-bit Advanced Crypto Engine(16位安全控制器(B>32-KB ROM,1280B RAM
|
SIEMENS AG
|
M50FLW040AK5P M50FLW040ANB5P M50FLW040A06 M50FLW04 |
4-Mbit (5 ??64 Kbyte blocks 3 ??16 ??4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory 4-Mbit (5 】 64 Kbyte blocks 3 】 16 】 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
|
STMICROELECTRONICS[STMicroelectronics]
|
LTC1262 LTC1262C LTC1262CN8 LTC1262CS8 LTC1262I LT |
12V, 30mA Flash Memory Programming Supply 12V的,30mA的闪存编程电 12V/ 30mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|