PART |
Description |
Maker |
ATL60 |
The ATL60 series CMOS Gate Arrays are fabricated using a 0.6 micron drawn gate, oxide isolated, triple level metal process. Extensive cell libraries are available and support the major CAD software tools.
|
Atmel
|
MC14023UBCL MC14023UBCP MC14023UBD MC14025UBCL MC1 |
Triple 3-nput NAND Gate Quad 2-nput NOR Gate Dual 4-nput NAND Gate Dual 4-nput NOR Gate From old datasheet system Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:20; No. of Channels:2; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series COMS Gates 瑞银后缀系列COMS卫星盖茨
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
CD4071BDMSR CD4071BKMSR |
CMOS OR Gate; Temperature Range: -; Package: 14-SBDIP 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDIP14 CMOS OR Gate; Temperature Range: -; Package: 14-FlatPack 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDFP14
|
Intersil, Corp.
|
KS57C01502 KS57C01504 |
The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
MC74HC1G04 MC74HC1G04DFT1 MC74HC1G04DFT1G MC74HC1G |
Single Inverter High speed CMOS inverter fabricated with silicon gate CMOS technology HC/UH SERIES, 1-INPUT INVERT GATE, PDSO5 High speed CMOS inverter fabricated with silicon gate CMOS technology 高速CMOS反相器制造硅栅CMOS工艺
|
ONSEMI[ON Semiconductor] Rectron Semiconductor
|
PI74STX1GT08TX PI74STX1GT08 PI74STX1GT08CX |
High Speed CMOS Logic 1-of-10 BCD to Decimal Decoder 16-PDIP -55 to 125 STX SERIES, 2-INPUT AND GATE, PDSO5 SC-70, 5 PIN SOTiny Gate STX 2-Input AND SOTiny门希输入 STX SERIES, 2-INPUT AND GATE, PDSO5 SOT-23, 5 PIN
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
MB620XXX |
UHB SERIES 1.5U CMOS GATE ARRAYS
|
FUJI
|
SLA614L |
(SLA600L Series) CMOS Low Voltage Gate Array
|
Seiko
|
SLA904S SLA90XS |
(SLA9000 Series) CMOS High Speed Gate Arrays
|
EPSON
|
ESDA5V3 ESDA25 |
Dual transil arr ay for ESD protection
|
Weitron Technology
|
TC14L TC11L TC11L003 TC11L007 TC14L040 TC11L005 TC |
7 K usable gate, 1.0 micron, CMOS gate array 300 usable gate, 1.5 micron, CMOS gate array 700 usable gate, 1.5 micron, CMOS gate array 4 K usable gate, 1.0 micron, CMOS gate array 500 usable gate, 1.5 micron, CMOS gate array
|
Toshiba Semiconductor
|