PART |
Description |
Maker |
IPD230N06NG IPD230N06NG08 |
OptiMOS庐 Power-Transistor Features For dc/dc converters and sync. rectification OptiMOS? Power-Transistor Features For dc/dc converters and sync. rectification 30 A, 60 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Infineon Technologies AG
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
SPD08P06P08 SPD08P06PG |
SIPMOS? Power-Transistor Features P-Channel Enhancement mode SIPMOS庐 Power-Transistor Features P-Channel Enhancement mode
|
Infineon Technologies AG
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
QL85F6SA |
FEATURES
|
Roithner LaserTechnik G...
|
RLT360-BL-TO18 |
FEATURES AND APPLICATIONS
|
Roithner LaserTechnik G...
|
W956K6HB |
Low-power features
|
Winbond
|
CH7006C CH7006C-T CH7006C-V |
Digital PC to TV Encoder Features
|
Chrontel ETC[ETC]
|
W967D6HB |
Low-power features
|
Winbond
|
IPD400N06NG IPD400N06NG08 |
OptiMOS? Power-Transistor Features N-channel enhancement - normal level Avalanche rated OptiMOS庐 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
|
Infineon Technologies AG
|
D38999 |
Features and Application Series III
|
List of Unclassifed Manufac...
|
59125-1-S-00-0 59125-1-T-00-0 59125-1-U-00-0 59125 |
Pinned Flange Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|