PART |
Description |
Maker |
BAT68-02L BAT68-07 BAT68-08S BAT68-09S BAT68-06W B |
Silicon Schottky Diodes 硅肖特基二极 Schottky Diodes - Silicon RF Schottky diode for mixer applications in the VHF/UHF range Schottky Diodes - Silicon RF Schottky diode array
|
INFINEON[Infineon Technologies AG]
|
MBRD320 MBRD330 MBRD340 MBRD320TR MBRD340PBF |
Schottky (Diodes & Rectifiers) 3.0 Amp 40 Volt SCHOTTKY RECTIFIER 30V 3A Schottky Discrete Diode in a D-Pak package 40V 3A Schottky Discrete Diode in a D-Pak package 20V 3A Schottky Discrete Diode in a D-Pak package
|
Vishay Semiconductors IRF[International Rectifier]
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
BAT54 BAT54C BAT54S BAT54A BAT54_SERIES_4 BAT54SER |
DIODE KLEINSIGNAL SMD SCHOTTKY 贴片肖特基二极管KLEINSIGNAL 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer Schottky barrier (double) diodes From old datasheet system DISCRETE SEMICONDUCTORS SCHOTTKY BARRIER DOUBLE DIODES
|
Won-Top Electronics Co., Ltd. PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BAT30F3 |
Schottky Barrier, Signal Schottky Small signal Schottky diode
|
ST Microelectronics STMicroelectronics
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
SB320 SB330 SB340 SB360 SB350 |
Schottky Pack: DO-201AD SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
|
Gulf Semiconductor
|
SB3150 |
Schottky Pack: DO-201AD SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
|
Gulf Semiconductor
|
SB20100CT-E |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
Gulf Semiconductor
|
TCMBR10200CT TCMBR10100CT TCMBR10150CT |
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
10CTQ150-1 VS-10CTQ150-N3 VS-10CTQ150P VS-10CTQ150 |
Diode Schottky 150V 10A 3-Pin(3 Tab) TO-262 Schottky Rectifier, 2 x 5 A
|
Vishay Semiconductors Vishay Siliconix
|