PART |
Description |
Maker |
22PCAFB6G 22PCCEB2G 22PCAEB2G 22PCFEB2G 22PCFNB2G |
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output RAMified Watchdog Timekeeper Y2K-Compliant Watchdog RTC with NV Control Serial Port iButton Holder I2C, 32-Bit Binary Counter Watchdog Clock Front Panel iButton Holder Signal Conditioner 信号调理 I<sup>2</sup>C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output 信号调理 Digital Thermometer and Thermostat 信号调理 Real-Time Clock with NV RAM Control 信号调理 Parallel Port Button Holder 信号调理 1-Wire Network Cables 信号调理 4Meg, Nonvolatile, Y2K-Compliant Timekeeping RAM
|
Infineon Technologies AG Bourns, Inc. Advanced Interconnections, Corp. Air Cost Control Samtec, Inc. Electronic Theatre Controls, Inc.
|
DS1992 DS1994 |
1Kbit Memory iButton(1K位存储器按钮) 4Kbit Plus Time Memory iButton(4K定时存储器电子按
|
Maxim Integrated Products, Inc.
|
RTC8593 |
(RTC-8583 / RTC-8593) IC-Bus Compatible Real Time Clock Module
|
EPSON Electronics
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|
DS1921Z-F5 DS1921H |
High Resolution Thermochron iButton Range H: 15°C to 46°C; Z: -5°C to 26°C SPECIALTY ANALOG CIRCUIT, MEDB2 High-Resolution Thermochron iButton
|
Maxim Integrated Products, Inc.
|
MAX6902 MAX695 MAX690 MAX6900 MAX6900ETT-T MAX6901 |
SPI-Compatible RTC in a TDFN I2C-Compatible RTC in a TDFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
DS1963S |
SHA iButton
|
DALLAS[Dallas Semiconductor]
|
DS1921G |
Thermochron iButton
|
MAXIM - Dallas Semiconductor
|
DS9105 DS9105-002 DS9105-004 DS9105-SET DS9105-000 |
iButton Number Set
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor]
|
DS1986-F3 DS1986-F5 |
iButton 64Kb Add-Only
|
MAXIM - Dallas Semiconductor
|
DS9093P DS9093S |
iButton Wall Mounts
|
MAXIM - Dallas Semiconductor
|