PART |
Description |
Maker |
IMS05SH472J IMS05ST101K IMS05WDST101K40 IMS05RU680 |
General Fixed Inductor, IND,FERRITE,4.7MH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,68UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,6.8MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,56UH,5% TOL,5% -TOL General Fixed Inductor, 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, IND,FERRITE,150UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL
|
Vishay Dale
|
EGP08A EGP08B |
Dual Digitally Controlled Potentiometers (XDCP); Low Noise, Low Power, I2C® Bus, 128 Taps, Wiper Only; Temperature Range: Full-Range Ind Ultrafast Recovery Rectifiers 超快恢复二极
|
AME, Inc.
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
MS90538-10SH MS90538-12BH MS75101-6BH MS75101-5SH |
General Fixed Inductor, IND,IRON,82UH,5% TOL,5% -TOL,LT10K MIL STYLE General Fixed Inductor, IND,IRON,100UH,5% TOL,5% -TOL,LT10K MIL STYLE IND MLD 8.2UH 10% 7.9MHZ 30Q-FCTR IRON 540MA AXL - Bulk IND MLD 6.8UH 10% 7.9MHZ 30Q-FCTR IRON 560MA AXL - Tape and Reel General Fixed Inductor, IND,PHENOLIC,330NH,20% TOL,20% -TOL,LT4K MIL STYLE General Fixed Inductor, 1 ELEMENT, 100 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED General Fixed Inductor, IND,IRON,150UH,5% TOL,5% -TOL,LT10K MIL STYLE General Fixed Inductor, IND,IRON,120UH,5% TOL,5% -TOL,LT10K MIL STYLE
|
Vishay Dale
|
AM55-0003TR AM55-0003SMB AM55-0003RTR AM55-0003 |
120NS, PDIP, IND TEMP(FLASH) 120NS, TSOP, IND TEMP(FLASH) 120NS, PLCC, COM TEMP(FLASH) 250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
|
ETC List of Unclassifed Manufacturers
|
ASA00C36-L ASA00B18-L ASA00C18-L ASA01A18-L ASA00A |
DC-DC / Low Power Isolated Industrial
|
Emerson
|
AEV02B24 AEV01BB24 AEV01BB48 AEV01CC48 AEV01CC24 A |
DC-DC / Low Power Isolated Industrial
|
Emerson
|
AEE00B24 AEE00B48 AEE00BB24 AEE00BB48 AEE00C24 |
DC-DC / Low Power Isolated Industrial
|
Emerson
|
ISL32374EFBZ ISL32374EFVZ ISL32374EIBZ ISL32374EIV |
QUAD, 卤16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 16-SOIC
|
Intersil Corporation
|
KIINM485SLC |
Low Power Isolated EIA-485 Driver and Receiver
|
Murata Manufacturing Co., Ltd.
|
AN1357 |
VIPOWER: LOW COST POWER SUPPLY USING VIPER12A IN NON ISOLATED APPLICATIONS
|
SGS Thomson Microelectronics ST Microelectronics
|
AM3064-70/BZC AM3064-50GI175 AM3064-50JC068 AM3090 |
10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) DIE SALE, 2.7V, 7 MIL(BIOS FLASH) 10MS, 8 SAP, IND, ROHS-B, 2.7V(BIOS FLASH) 8-SOIC,AUTO TEMP,2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, 2.7V(SERIAL EE) 10MS, 8 PDIP, EXT TEMP, GREEN,2.7V(SERIAL EE) 10MS, 8 TSSOP, INT TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 PDIP, INT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE 1.8V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN,2.7V(SERIAL EE) 8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA 10MS, 8 SOIC, INT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE)
|
Stackpole Electronics, Inc. Ecliptek, Corp. Analog Devices, Inc. Glenair, Inc.
|
|