PART |
Description |
Maker |
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
6N137 HCPL-2631 HCPL-2630 HCPL-2611 HCPL2631 HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
|
QT[QT Optoelectronics]
|
6N137SDM 6N137SDVM HCPL2601M HCPL2611M HCPL2630M H |
High Speed 10MBit/s Logic Gate Optocouplers 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor Corporation http://
|
BU4094BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4538B |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM Philips Semiconductors
|
BU4S71 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
4N36SHORT 4N37 4N36 4N37SHORT 4N35_SHORT 4N35SHORT |
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR) 光敏三极管(交流数字逻辑隔离器) AC LINE / DIGITAL LOGIC ISOLATOR DIGITAL LOGIC / DIGITAL LOGIC ISOLATOR
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
4N25A 4N26A 4N27SHORT 4N28SHORT 4N28A E001733 4N25 |
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR) AC LINE / DIGITAL LOGIC ISOLATOR DIGITAL LOGIC / DIGITAL LOGIC ISOLATOR From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BUK9614-55A BUK9514-55A |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 35x25 mm; Packaging: Bulk TrenchMOS logic level FET TrenchMOS TM logic level FET TrenchMOS(tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PLUS173B PLUS173BA PLUS173BN PLUS173D PLUS173DA PL |
Programmable logic arrays 22 42 10 KPSE 10C 10#20 PIN PLUG Programmable logic arrays 22 】 42 】 10 Programmable logic arrays 22 42 10 Programmable logic arrays 22 × 42 × 10
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|