PART |
Description |
Maker |
C8051F327-GM |
Full Speed USB, 16 kB Flash MCU Family
|
Silicon Laboratories
|
C8051F326 |
FULL SPEED USB, 16 KB FLASH MCU FAMILY
|
ETC
|
C8051F320 C8051F321 |
Full Speed USB, 16K ISP FLASH MCU Family
|
Cygnal
|
ST72F651AR6T1 ST72651 |
ST7 - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C
|
ST Microelectronics
|
ST7FSCR1E4 ST7SCR1E4 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER (DATA BRIEFING)
|
ST Microelectronics
|
C9860-43 C9860-41 C9872-24 C9860-21 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI 30V N-Channel PowerTrench MOSFET 10-bit, 50MSPS, 50MW A/D converter 3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
|
NJR
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
AT89C5131A-PUTUM AT89C5130A-M AT89C5130A-M08 AT89C |
8-bit Flash Microcontroller with Full Speed USB Device
|
ATMEL Corporation
|
AT89C5131A-TISUL |
8-bit Flash Microcontroller with Full Speed USB Device
|
ATMEL Corporation
|
AT89C5130A-PUTUM AT89C5131A-S3SUM AT89C5130A-M AT8 |
8-bit Flash Microcontroller with Full Speed USB Device
|
ATMEL[ATMEL Corporation]
|
|