PART |
Description |
Maker |
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
MC1458 MC1458D SA1458N MC1458N MC1558N SA1458 SA14 |
General purpose operational amplifier(???杩???惧ぇ?? General purpose operational amplifier 通用运算放大 General purpose operational amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8 Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FTSO4121 FTSO4122 FTSO3646 FTSO3693 FTSO3694 FTSO5 |
PNP small signal general purpose amplifier & switch. NPN high speed saturated logic switch. NPN small signal general purpose amplifier.
|
Fairchild Semiconductor
|
2SC4617 2SC4617-D |
NPN Silicon General Purpose Amplifier Transistor General Purpose Amplifier Transistors(NPN Silicon)
|
ONSEMI[ON Semiconductor]
|
FMBM5401 FMBM5401SB74001 |
NPN General Purpose Amplifier PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
2N440101 MMBT4401 2N4401 2N4401J60Z 2N4401J25Z 2N4 |
NPN General Purpose Amplifier NPN General Pupose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC5658M3T5G |
NPN Silicon General Purpose Amplifier Transistor SOT723 General Purpose Transistor
|
VAISH[Vaishali Semiconductor] ON SEMICONDUCTOR
|
2N5833 FTSO5831 FTSO5833 FTSO5830 FTSO5961 |
NPN small signal high voltage general purpose amplifier. NPN low level low noise amplifier.
|
Fairchild Semiconductor
|
2N3904BUNL 2N3904RM |
NPN General Purpose Amplifier 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
MPS2222-H MPS2222-L MPS2222-H-BP |
NPN General Purpose Amplifier 600 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
2SC5233 E007768 |
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS) GENERAL PURPOSE AMPLIFIER APPLICATIONS SWITCHING AND MUTING SWITCH APPLICATION From old datasheet system
|
Toshiba Semiconductor
|