PART |
Description |
Maker |
3031500013 |
SUBMINIATURE FUSES
|
Littelfuse
|
396 |
SUBMINIATURE FUSES
|
Littelfuse, Inc.
|
373 |
SUBMINIATURE FUSES
|
Littelfuse, Inc.
|
PCF-1 PCF-3 PCF-3/4 PCF-2 PCF-1/2 PCF-1-1/2 PCC-3 |
Subminiature, Radial Leaded, Fast-Acting Fuses
|
Cooper Bussmann, Inc.
|
SR-5-200MA SR-5-500MA SR-5-400MA SR-5-250MA SR-5-1 |
Subminiature Radial Leaded, Time-Delay Fuses
|
Cooper Bussmann, Inc.
|
471 047102.5 047101.5 0471004. |
Axial Lead and Cartridge Fuses - Subminiature 轴向引线和墨盒保险丝-微型
|
Littelfuse, Inc.
|
TVSS-5 SS-5-1A-AP1 SS-5-2.5A-BK1 SS-5-2.5A-AP SS-5 |
TIME DELAY BLOW ELECTRIC FUSE, 1A, 250VAC, 35A (IR), THROUGH HOLE ROHS COMPLIANT TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 250VAC, 35A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-6.3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes Subminiature Fuses Subminiature Fuses SS-5 Series, Time-Delay
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
SR-5H-1.25A |
300V Subminiature Radial Leaded, Time-Delay Fuses
|
List of Unclassifed Man...
|
2292.25P 2302.25P 229006P 230006P 229.350P 230.350 |
Switch Axial Lead and Cartridge Fuses - Subminiature Glass Body 轴向引线和墨盒保险丝-微型玻璃
|
Littelfuse, Inc.
|
PFMD.150.2 PFMD.014.2 PFMD.020.2 PFMD.030.2 PFMD.0 |
Subminiature PCB PTC-fuses; for electronic devices; Voltage Rating: 6V; Current Rating: 1.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT Surface Mount PTC-Fuses
|
SCHURTER AG Schurter Inc.
|
LA120X1-1 LA120X1_2-1 LA120X10-1 LA120X15-1 LA120X |
Fuses, 5A 250V F IEC GLASS LEAD LA120X半导体保险丝 Fuses, 3.15A 250V F IEC GLASS 5X20 LA120X Semiconductor Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|