PART |
Description |
Maker |
SW-241-PIN |
Matched GaAs SPDT Switch, 5 - 2000 MHz
|
Tyco Electronics
|
SW10-0313-TB SW10-0313 |
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
|
M/A-COM Technology Solutions, Inc.
|
SW-106PIN SW-276PIN SW-106SW-276 |
High Power GaAs SPDT Switch DC - 3 GHz SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 3 A, Pin Plunger Actuator, Solder Termination High Power GaAs SPDT Switch DC3 GHz Schottky Barrier Diodes
|
Tyco Electronics
|
AS179-000 |
GaAs SPDT Switch 300 kHz-3 GHz Medium Power PHEMT GaAs IC High Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
|
Skyworks Solutions Inc.
|
HMC547LP3 -HMC547LP3 |
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz 砷化镓单片单刀双掷非反射开关,直流- 20.0千兆 GaAs MMIC SPDT NON-REFLECTIVE SWITCH / DC - 20.0 GHz From old datasheet system
|
HITTITE[Hittite Microwave Corporation]
|
AS185-92 |
ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC GHz
|
Alpha Industries, Inc. Alpha Industries Inc
|
AS193-73 |
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz PHEMT的砷化镓集成电路高线3 V控制0.1-2.5 GHz的SPDT开 PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1?.5 GHz
|
Alpha Industries, Inc. Alpha Industries Inc
|
SW-284-PIN |
GaAs Matched SP6T Switch DC - 2 GHz
|
M/A-COM Technology Solutions, Inc.
|
SW-369-PIN |
Matched GaAs SP4T Switch, 0.02 - 2 GHz
|
M/A-COM Technology Solutions, Inc.
|
SW-369PIN SW-369 |
GaAs Matched SP4T Switch 0.02-2 GHz
|
MACOM[Tyco Electronics]
|