PART |
Description |
Maker |
SP8804_A_DG SP8804 SP8804/A/DG |
3.3GHZ ÷ 4 Fixed Modulus Divider 3.3GHZ ± 4 Fixed Modulus Divider 3.3GHz divide 4 Fixed Modulus Divider
|
Zarlink Semiconductor Inc
|
SP8803 332 |
3.3GHZ ÷ 32 Fixed Modulus Divider From old datasheet system
|
Zarlink
|
SP5070FMP SP5070 SP5070DP SP5070MP |
0.5-7.0V; 18mA; 2GHz fixed modulus frquency sythesiser for satellite TV, high IF cable tuning systems, C-Band with frequency doubling mixer 2.4GHz Fixed Modulus Frequency Synthesiser(2.4GHz固定模数频率合成 2.GHz Fixed Modulus Frequency Synthesiser
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
SP8910 SP8910KGMP1T SP8910KG SP8910KGMP1S |
5GHZ ±10 Fixed Modulus Divider 5GHZ 10 Fixed Modulus Divider 5GHZ ÷10 Fixed Modulus Divider(5GHZ ÷10超高速低功耗固定模数除法器) MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:100V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.028ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
ZL4081 ZL40813 ZL40813DCE ZL40814 ZL40814DCE ZL408 |
13.5GHz Fixed Modulus divide 16 Prescaler 13.5GHz Fixed Modulus Dividers
|
ZARLINK[Zarlink Semiconductor Inc]
|
SP8908KGMP1T SP8908KGMP1S SP8908KG SP8908 |
5GHZ 48 Fixed Modulus Divider 5GHz8个固定的模数分频 5GHZ ÷8 Fixed Modulus Divider(5GHZ ÷8超高速低功耗固定模数除法器)
|
Mitel Networks, Corp. MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
ST72311N4 ST72311N2 ST72311J4 ST72311J2 ST72311 ST |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS 1路3GHz Low Power Single-Chip Frequency Synthesiser 5GHZ 卤 16 Fixed Modulus Divider 5GHZ 卤 8 Fixed Modulus Divider 5GHZ/ 2 Fixed Modulus Divider 1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER 1.3 GHz Professional Synthesiser 8-BIT MICROCONTROLLER (MCU) WITH 8 TO 16K ROM/OTP/EPROM,384 TO 512 BYTES RAM,ADC,WDG,SCI,SPI AND 2 TIMERS - SDIP42/56, QFP44/64
|
STMICROELECTRONICS[STMicroelectronics] ZARLINK
|
ZL40818 |
13.5GHz Fixed Modulus Dividers
|
Zarlink Semiconductor I...
|
SP8904MP |
5GHZ ÷ 4 Fixed Modulus Divider
|
Zarlink
|
ZL40803 414 |
6 GHz Fixed Modulus ÷ 2 From old datasheet system
|
Zarlink
|
SP8908MP 345 |
5GHZ ÷ 8 Fixed Modulus Divider From old datasheet system
|
Zarlink
|
LT5520EUFPBF LT5520EUFTR LT5520EUFTRPBF |
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
|
Linear Technology
|