PART |
Description |
Maker |
LOB |
Low Resistance Metal Element Resistors
|
TT Electronics / Welwyn
|
LOB-1R010JLFLT LOB-3R010JLFLT LOB-5R010JLFLT LOB-3 |
Low Resistance Metal Element Resistor
|
IRC - a TT electronics Company. http://
|
TLRH3AWTTE33L0F |
metal plate chip type low resistance resistors
|
KOA Speer Electronics, Inc.
|
EDZ6.2B EDZ4.7B EDZ4.3B EDZ3.9B EDZ3.6B EDZ6.8B ED |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LED 5MM 563NM HI GRN WATER CLEAR Metal Strip Resistor; Series:WSL; Resistance:0.14ohm; Resistance Tolerance: /- 1 %; Power Rating:0.5W; Temperature Coefficient: /-75 ppm; Package/Case:2010; Terminal Type:PCB Surface Mount; Leaded Process Compatible:Yes
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
MCS3264R005FER MCS3264R010FER MCS3264R015FER MCS32 |
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
|
Ohmite Mfg. Co.
|
BR-BX11V1-12V BR-B2134-12V BR-B21V1-12V BR-B31V1-1 |
Metal Oxide Resistor; Series:MP800; Resistance:15ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 电阻LED节能灯(圆形类型 RESISTOR LED LAMPS (ROUND TYPES) 电阻LED节能灯(圆形类型 MOSFET N-CH 600V 26A PLUS220-SMD Metal Oxide Resistor; Series:MP800; Resistance:16ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
2000-5R6-H 2000-2R7-H 2000-8R2-H R5-V |
Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Current Rating:9.7A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Resistance:6.9mohm 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
BOURNS INC
|