PART |
Description |
Maker |
ISL6557CB ISL6557CB-T ISL6557 |
PWM Controller with Wide Input Voltage Range 8-SOIC -20 to 85 多相PWM控制器为核心电压调节 Multi-Phase PWM Controller for Core-Voltage Regulation
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6554CB ISL6554CB-T ISL6554CBZ ISL6554CBZA ISL65 |
PWM Controller with Wide Input Range 8-PDIP 微处理器核心电压调节器的多相降压PWM控制没有可编程德鲁普 Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
G5207 |
24V Input Voltage-Mode Buck PWM Controller
|
Global Mixed-mode Technology Inc
|
SP6139EU-L_TR SP6139EU-L SP6139EU-L/TR |
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
|
Exar Corporation
|
SP6137EU-L SP6137EU-L_TR SP6137EU-L/TR SP6137CU-L/ |
Wide Input, 900kHz Synchronous PWM Step Down Controller
|
Exar Corporation
|
ISL6539CA ISL6539CAZ ISL6539IAZ-T ISL6539IAZ ISL65 |
Wide Input Range Dual PWM Controller with DDR Option
|
INTERSIL[Intersil Corporation]
|
UC3500 UC3550L-XX-AF5-R UC3550-XX-AF5-R UC3550-33- |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER PWM控制,PWM / PFM切换升压型DC - DC控制 PWM CONTROLLED锛?WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FAN5236QSCXNL |
Wide Input Voltage Dual-Output/DDR PWM/PFM Controller DUAL SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO28
|
Fairchild Semiconductor, Corp.
|
ISL6406IB ISL6406IB-T ISL6406IBZ ISL6406IBZ-T ISL6 |
Quadruple 2-Input Positive-NAND Gates 14-PDIP -40 to 85 SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PQCC16 1 in Dia., 1 Amp Multi Deck Rotary Switch Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|