PART |
Description |
Maker |
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
AD5544 AD5544ARS AD5554 AD5554BRS 2602 |
From old datasheet system Quad/ Current-Output Serial-Input/ 16-Bit/14-Bit DACs Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs Precision QUAD 16-Bit DAC
|
AD[Analog Devices]
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
LT1236A-10 LT1097 LTC2601 LT1001 LTC1821 LTC2704 L |
Dual Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C Dual Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 48; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, PQCC48 Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ST16C654 |
Linear Voltage Regulator IC; Output Current Max:350mA; Supply Voltage Max:6V; Package/Case:8-TSSOP; Output Current:600mA; Output Voltage:5V; Current Rating:30.05A; Leaded Process Compatible:No; Output Voltage Max:5V
|
Exar Corporation
|
ADN8810 ADN8810-EVAL ADN8810ACP ADN8810ACP-REEL7 A |
12-Bit High Output Current Source A Programmable Precision Current Source Designed For Tunable Lasers
|
模拟信号调理 Analog Devices, Inc.
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
MAX530BCAGT MAX520ACWE MAX531ACSDT MAX5184ETG MAX5 |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO24 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs QUAD, SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDSO16 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 10-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 0.025 us SETTLING TIME, 10-BIT DAC, QCC24 5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDIP24 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDIP8 8-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, 8 BITS INPUT LOADING, 0.025 us SETTLING TIME, 8-BIT DAC, PDSO24 Low-Power, Serial, 12-Bit DACs with Force-Sense Voltage-Output SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO16 Octal, Serial, 8-Bit DAC with Output Buffers OCTAL, SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO24 QUAD, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE QUAD, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD5543 AD5553 |
Current-Output Serial-Input, 16-/14-Bit DAC
|
Analog Devices
|
MAX5851 |
Dual, 8-Bit, 80Msps, Current-Output DAC
|
MAXIM - Dallas Semiconductor
|
LTC2751BCUHF-16PBF LTC2751BCUHF-16TRPBF |
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|
|