PART |
Description |
Maker |
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
CM3016-48 |
Micropower 4.75V/500mA Low Noise CMOS LDO Regulator
|
California Micro Devices
|
MIC523707 MIC5237-3.3BU MIC5237-3.3YU MIC5237-2.5Y |
500mA Low-Dropout Regulator IC REG LDO 500MA 3.3V TO263 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3
|
Micrel Semiconductor, Inc.
|
MIC5205 MIC5205-2.5BM5 MIC5205-2.7BM5 MIC5205-2.85 |
150mA Low-Noise LDO Regulator Low Input Voltage 3A Synchronous Buck Converter with 3.3V Output 20-HTSSOP -40 to 85 3V to 6V, 3A, 1.6MHz Synchronous Step Down SWIFT Converter 24-VQFN -40 to 125 Automotive Catalog 3-V to 6-V Input 3-A Output Synchronous-Buck PWM Switcher 20-HTSSOP -40 to 125 150mA Low-Noise LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 3.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
MAX1589 MAX1589ETA MAX1589EZT-T MAX1589EZT075-T MA |
Low-input-voltage, 500mA LDO regulator with RESET, out=0.75V Low-Input-Voltage 500mA LDO Regulator with RESETin SOT and TDFN Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN Low-input-voltage, 500mA LDO regulator with RESET, out=3.0V
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
MIC5216 MIC5216-3.0BM5 MIC5216-3.0BMM MIC5216-3.3B |
500mA-Peak Output LDO Regulator Preliminary Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MC78PC18NTR MC78PC30NTR ON1776 MC78PC33NTR MC78PC2 |
From old datasheet system Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
http:// ONSEMI[ON Semiconductor]
|