PART |
Description |
Maker |
162-10-668-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
480-90-202-00-001000 480-90-264-00-001000 450-90-2 |
HEADER STRIPS .100隆卤 Grid Solder Tail Double Row HEADER STRIPS .100 Grid Solder Tail Double Row HEADER STRIPS .100?/a> Grid Solder Tail Double Row TWO PART BOARD CONNECTOR
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
GLT5640AL16P-5.5TC GLT5640AL16P-6TC GLT5640AL16P-7 |
TUBE, SHR, POL, 063/031, BLK, 017, 600V, 135C, (934872) 4米16个CMOS同步动态随机存储器 TUBING SHRINK BLK IRRAD-PFIN 1/16 ID HEAT SHRINK TUBING, 2.4MM POLYOLEFIN, BLACK TBG H/SHRINK FP 1/16 BLK HEAT SHRINK TUBING 1/8 IN SHRINK TUBING D=12 TUBING, HEAT SHRINK, 0.187 ID UL224 BLK SHRINK TUBING, .093X..046IDX.020, BLK 4M X 16 CMOS Synchronous Dynamic RAM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48- |
Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
1720420202 |
Super Sabre Vertical Header, 2 Circuit, Short Solder Tail with Board Lock
|
Molex Electronics Ltd.
|
0739436200 73943-6200 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Solder Tail,Closed End, 72 Circuits 2.00mm (.079") Pitch HDM垄莽 Board-to-Board Backplane Header, Vertical, Solder Tail,Closed End, 72 Circuits
|
Molex Electronics Ltd.
|
0739422200 73942-2200 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 72 Circuits 2.00mm (.079") Pitch HDM垄莽 Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 72 Circuits
|
Molex Electronics Ltd.
|
73942-5200 0739425200 |
2.00mm (.079") Pitch HDM庐 Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 144 Circuits 2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 144 Circuits
|
Molex Electronics Ltd.
|
20-600-10 06-600-11 |
20 PIN DIP HEADER 20 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER 6 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER
|
Aries Electronics, Inc. ARIES ELECTRONICS INC
|
73944-7017 0739447017 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, SMC, Solder Tail, Guide Pin Option, 144 Circuits 2.00mm (.079") Pitch HDM庐 Board-to-Board Backplane Header, Vertical, SMC, Solder Tail, Guide Pin Option, 144 Circuits
|
Molex Electronics Ltd.
|
|