PART |
Description |
Maker |
R-78C15-1.0 R-78C12-1.0 R-78C5.0-1.0 R-78C1.8-1.0 |
1.0 AMP SIP3 Single Output
|
Recom International Power
|
R-78B1.5-1.0L R-78B3.3-1.0 R-78B3.3-1.0L R-78B2.5- |
1.0 AMP SIP3 Single Output
|
RECOM[Recom International Power]
|
R-78B6.5-1.5L R-78B1.5-1.5L R-78B2.5-1.5L R-78B5.0 |
1.5 AMP SIP3 Single Output
|
RECOM Power Inc.
|
R-78-1.0 R-782.5-1.0 |
1.0 AMP SIP3 Single Output 1.0 AMP SIP3 Single Output
|
Recom International Pow...
|
R-78BXX-1.0L |
SIP3 Single Output
|
Recom
|
R-78HBXXX-0.5 |
SIP3 Single Output
|
Recom
|
RX-2405S RY-2424S RX-0505D RX-0505S RX-0509D RX-05 |
1 Watt SIP7 & DIP14 Single & Dual Output 1瓦特SIP7 4P5W 100A 347/600V PIN&SLEEVE PLUG RoHS Compliant: Yes 1 WATT SIP7 & DIP14 SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
MCP6142 MCP6144 MCP6143 MCP6141 MCP6142-I/MS MCP61 |
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps The MCP6142 is a dual 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ... The MCP6143 is a single with chip select 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. ... The MCP6141 is a single 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6142 is a dual 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6143 is a single with chip select 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6144 is a quad 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6144 is a quad 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ... The MCP6141 is a single 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ...
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
SLC100-34 SLC100-17 SLC100-16 SLC100-26 |
40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
C
|
A6833SEP-T A6833 A6833SEP |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比 5 32位串行输入锁存灌电流驱动 DABiC-5 32-Bit Serial Input Latched Sink Drivers 达比 5 32位串行输入锁存灌电流驱动
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
EL8176 EL8176AIW-T7 EL8176AIW-T7A EL8176AIWZ-T7 EL |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 100 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO6 Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 220 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|