PART |
Description |
Maker |
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
LH28F800BG-L-FOR-SOP LH28F800BGN-TL85 |
8 M-bit (512 kB x 16) SmartVoltage Flash Memory 8M-bit(512KB x 16)smart voltage Flash Memory
|
SHARP
|
AM49DL640BG85IS AM49DL640BG AM49DL640BG25IS AM49DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM29F400BB-55FEB AM29F400BB-55FIB AM29F400BT-55FCB |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|
AM29LV400B-90REI AM29LV400B-90RFI AM29LV400T-90RFC |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV004BB-120ED AM29LV004BB-90FE AM29LV004BB-90E |
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO40
|
Advanced Micro Devices, Inc.
|
AM49DL6408H70IS AM49DL6408H55FT AM49DL6408H85FS AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (512 K x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc.
|
MBM29F004TC-90PFTR MBM29F004BC-70PD MBM29F004BC-70 |
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
|
SPANSION[SPANSION]
|
AM29F400BB-60FC AM29F400BB-60FE |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Advanced Micro Devices, Inc.
|