PART |
Description |
Maker |
HA7-5135-5 HA-5135 HA-5135_04 |
Op Amp, 2.5MHz Precision, Unity Gain 2.5MHz, Precision Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
ISL28238 ISL28238FBZ ISL28238FBZ-T7 ISL28238FUZ IS |
4.5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current; Temperature Range: Full-Range Ind; Package: 8-SOIC OP-AMP, 650 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil, Corp. Intersil Corporation
|
HA5135 HA-5135 FN2907 HA7-5135-5 |
2.5MHz/ Precision Operational Amplifier 2.5MHz / Precision Operational Amplifier 2.5MHz, Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
ISL28136FHZ-T7 ISL28136FBZ-T7 ISL28136FHZ-T7A ISL2 |
5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
|
Intersil Corporation
|
LX5111A LX5111ACDP LX5111ACPWP LX5112A LX5112ACDP |
ULT RA 9 - CHANNEL SCSI TERMINATOR 9-LINE 110 ohm SCSI BUS TERMINATOR, PDSO16 ULT RA 9 - CHANNEL SCSI TERMINATOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
EDI8C32128LP20GI EDI8C32128LP25GC EDI8C32128C55JM |
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: 0°C to 70°C; Package: 28-TSSOP T&R 200MHz Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R X32号的SRAM模块
|
Littelfuse, Inc.
|
LT6005CGNPBF LT6004IDDTRPBF LT6003CDC-TRMPBF LT600 |
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 1500 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO8 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1050 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO16
|
Linear Dimensions Semiconductor Linear Technology, Corp.
|
LT1991 LT1991HMS-PBF LT1991HMS-TRPBF LT1991IDD-PBF |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 250 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40° to 125°C OP-AMP, 160 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100μA Gain Selectable Amplifi er Precision, 100渭A Gain Selectable Amplifi er Precision, 100楼矛A Gain Selectable Amplifi er
|
Linear Technology, Corp. http://
|
LT1784CS5TRMPBF LT1784IS5TRMPBF LT1784CS5TRPBF |
2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 4500 uV OFFSET-MAX, 2.6 MHz BAND WIDTH, PDSO5 2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 4800 uV OFFSET-MAX, 2.6 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
IB908F |
Intel Haswell-ULT User Manual
|
ETC
|
HA-4741 |
Op Amp, Quad 3.5MHz
|
Intersil
|
FAN5336UMPX |
1.5MHz 33V Supply boost converter with integrated FET; Package: UMLP; No of Pins: 6; Container: Tape & Reel 1.8 A SWITCHING REGULATOR, 1850 kHz SWITCHING FREQ-MAX, DSO6
|
Fairchild Semiconductor, Corp.
|