PART |
Description |
Maker |
BCM62B |
PNP Matched Double Transistor
|
Philips Semiconductors
|
BCV64B BCV64 BCV64B_3 BCV64B215 |
PNP general purpose double transistor - Description: Schmitt Trigger; Package: SOT143B (SOT4); Container: Tape reel smd 100 mA, 30 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMBT3946YPN |
40 V, 200 mA NPN/PNP general-purpose double transistor 40 V, 200 mA NPN-PNP general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
SSM2220PZ SSM2220S-REEL SSM2220SZ SSM2220SZ-REEL |
Audio Dual Matched PNP Transistor
|
Analog Devices
|
SSM2220S |
Audio Dual Matched PNP Transistor
|
Analog Devices
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
DMMT3906W-7-F DMMT3906W-1 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
http:// Diodes Incorporated
|
DMMT5401 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DMDT9922 |
PNP DUAL, MATCHED PAIR SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
BCM846BS-15 |
NPN/NPN matched double transistor
|
NXP Semiconductors
|
BCV62B BCV62C BCV62 BCV62A BCV62B/T1 |
TRANSISTOR SOT-23 晶体管的SOT - 23 PNP general purpose double transistor TRANSISTOR|BJT|ARRAY|BLDGBLOCK|30VV(BR)CEO|100MAI(C)|SOT-143
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|